PART |
Description |
Maker |
TC7129CPL TC7129 TC7129CKW TC7129CLW |
The TC7129 is a 4-1/2 digit analog-to-digital converter (ADC)that directly drives a multiplexed liquid crystal display (LCD).Fabricated in high-performance,low-power CMOS, the TC7129 ADC is designed specifically for high-resolution, batter 4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
|
MICROCHIP[Microchip Technology]
|
AK5394A AK5394AVS AKD5394A |
24-bit 192K 123dB, Highest Performance ADC Super High Performance 192kHz 24-Bit ADC
|
AKM[Asahi Kasei Microsystems]
|
IDT79RC64T575-200DP IDT79RC64575 |
High performance 64-Bit Microprocessor High performance 64-bit Microprocessor **NOT RECOMMENDED FOR NEW DESIGNS**
|
IDT
|
AM29116_BUA AM29116_DMC AM29116ADC AM29116ADCB AM2 |
High Performance 16 Bit Bipolar Microprocessor High-Performance 16-Bit Bipolar Microprocessors
|
Advanced Micro Devices
|
DSPIC33FJ256GP208I_PF DSPIC33FJ256GP208I_PT DSPIC3 |
High-Performance, 16-Bit Digital Signal Controllers dsPIC33FJXXXGPX06/X08/X10 Data Sheet DSPIC33FJ256GP510-IPF High-Performance,16-Bit Digital Signal Controllers High-Performance 16-Bit Digital Signal Controllers dsPIC33FJXXXGPX06/X08/X10 Data Sheet High-Performance 16-Bit Digital Signal Controllers High-Performance,16-Bit Digital Signal Controllers
|
Microchip Technology Inc.
|
SAB80C32 SAB80C32-16-P-T40/85 SAB80C32-20-N SAB80C |
High-Performance 8-Bit Single Chip Microcontroller 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40 High-Performance 8-Bit Single Chip Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PDIP40 High-Performance 8-Bit Single Chip Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 High-Performance 8-Bit Single Chip Microcontroller 8-BIT, 16 MHz, MICROCONTROLLER, PDIP40 (SAB80C32 / SAB80C52) High-Performance 8-Bit Single Chip Microcontroller
|
Siemens Semiconductor Group SIEMENS AG
|
TMP8700CH TMP8700CS TMP8700CK TMP8700CP TMPA8700CS |
High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成6K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成0K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成4K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能CMOS 8位微控制器(芯片集成8K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM??AM,8-Bit A/D Converter,Remote Control Singnal Processor(楂??????ц???MOS 8浣?井?у??????????浜?2K瀛??ROM锛?K瀛??浣?AM,8浣?/D杞?????杩???у?淇″?澶?????)
|
Toshiba Corporation
|
FM27C512 FM27C512V FM27C512_01 FM27C512Q FM27C512Q |
524,288-Bit (64K x 8) High Performance CMOS EPROM 524288-Bit (64Kx 8) High Performance CMOS EPROM(95.70 k) 524,288-Bit (64K x 8)High Performance CMOS EPROM
|
ETC[ETC] Fairchild Semiconductor
|
SAB80C166-3S SAB80C166-S Q67120-C493 |
HIGH-PERFORMANCE 16-BIT CMOS SINGLE-CHIP MICROCONTROLLERS FOR EMBEDDED CONTROL APPLICATIONS High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125
|
Siemens Semiconductor Group SIEMENS AG
|
AD547JH AD547LH AD547SCHIPS AD542 AD544 AD542LH AD |
Initial offset voltage: 2.0mV; high performance BiFET operational amplifier Initial offset voltage: 1.0mV; high performance BiFET operational amplifier High Performance,BiFET Operational Amplifiers(高性能,BiFET运算放大 High Performance, BiFET Operational Amplifiers OP-AMP, 500 uV OFFSET-MAX, 1 MHz BAND WIDTH, UUC High Performance/ BiFET Operational Amplifiers MLT Series Linear Position Transducer, 127,0 mm [5.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000105 , CAMERAS, MEMORY BACK-UP, PAGERS AND WATCHES RoHS Compliant: NA
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|